PART |
Description |
Maker |
N04L163WC1A |
4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
|
NanoAmp Solutions
|
HY62LF16404C |
Super Low Power Slow SRAM - 4Mb High speed, super low power and 4M bit full CMOS SRAM organized as 256K words by 16bits
|
Hynix Semiconductor
|
HA3-5142-5 HA7-5142-2 HA-5142 FN2909 |
Op Amp, Dual 400kHz, Ultra-Low Power, Unity Gain Dual, 400kHz, Ultra-Low Power Operational Amplifier Dual/ 400kHz/ Ultra-Low Power Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HY62VF08401C HY62VF08401C-SS55I |
512K X 8 STANDARD SRAM, 55 ns, PDSO32 Super Low Power Slow SRAM - 4Mb
|
HYNIX SEMICONDUCTOR INC
|
KM7101 |
Ultra-Low Cost, 136uA, 4.9MHz Rail-to-Rail I/O Amplifier From old datasheet system an ultra-low cost, low power, voltage feed-back
|
Fairchild Semiconductor
|
IRF7702GPBF IRF7703GPBF |
HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
|
International Rectifier
|
IC62VV25616LL IC62VV25616L IC62VV25616LL-70TI IC62 |
OSC 5V 14PIN TTL 256Kx161.8V和超低功耗CMOS静态RAM 256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM 256Kx161.8V和超低功耗CMOS静态RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 70ns; 1.8V; 256K x 16 ultra low power CMOS static RAM
|
Integrated Circuit Solu... Fuji Electric Holdings Co., Ltd. ICSI[Integrated Circuit Solution Inc]
|
MAX6826 MAX6827 MAX6828 MAX6829 MAX6831 MAX6830 MA |
Vcc1: 3.3 V, Vcc2: 1.2 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Vcc1: 3.3 V, Vcc2: 1.5 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer 2.63 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Dual Ultra-Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer Dual Ultra-Low-Voltage SOT23 レP Supervisors with Manual Reset and Watchdog Timer Dual Ultra-Low-Voltage SOT23 P Supervisors with Manual Reset and Watchdog Timer 低电压、双电源监控复位电路 From old datasheet system 16-Bit Shift Registers 28-LCCC -55 to 125 4-By-4 Register Files With 3-State Outputs 16-CDIP -55 to 125 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 SOT-23, 6 PIN Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 2.32 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Vcc1:1.8 V, Vcc2: 1.5 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
IS62WV51216BLL-55BLI IS62WV51216ALL-70XI IS62WV512 |
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 45 ns, PBGA48 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 12k × 16低电压,超低功耗的CMOS静态RAM 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 55 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|